PART |
Description |
Maker |
MS5A-3S1.8 MS5A-3S2.5-Z MS5A-5S3.3 BOURNSINC-MS5A- |
Switch-Power Non-Isolated DC-DC Converters 3.3V in 1.8V 5A out 1-OUTPUT DC-DC REG PWR SUPPLY MODULE Switch-Power Non-Isolated DC-DC Converters 5V in 3.3V 5A out
|
BOURNS INC
|
SRAH-01CX20 VRAH-01CX20 SRAH-01CX50 V7AH-01CX20 |
NON-ISOLATED DC/DC CONVERTERS 3 V-3.6 V Input 12 V/0.8 A & 15 V/0.6 A Output 1-OUTPUT 9.6 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc. Bel Fuse, Inc.
|
TP78LU5.0-0.5 TP78LU12-0.5 TP78LU15-0.5 TP78LU24-0 |
Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
|
Toppower Electronic Tec...
|
VRBC-16F1AL VRBC-16F1A0 VRBC-16F1AW VRBC-16F1AX |
NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 1-OUTPUT 58.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 非隔离式DC / DC转换.4 5.5 V输入0.75 3.63 V/16A输出
|
Bel Fuse, Inc. Bel Fuse Inc.
|
S7DB-07A180 S7DB-07A150 S7DB-07A500 S7DB-07A250 S7 |
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 425 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 322 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 380 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 非隔离式DC / DC转换2V输入/ 1.2V电压- 5.0V输出/ 7A
|
Bel Fuse, Inc.
|
SMT15E SMT15E-05S2V5 SMT15E-05S3V3 |
DC/DC CONVERTERS 50W Non-isolated DC/DC Converters
|
Artesyn Technologies
|
VRBC-10A1AX VRBC-10A1A0 VRBC-10A1AL |
NON-ISOLATED DC/DC CONVERTERS
|
BEL[Bel Fuse Inc.]
|
HBW53V08SRG HBW53V08XRG |
ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|
SLIN-03E1A10 |
NON-ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|
SLIN-02E2A0 SLIN-02E2AX |
NON-ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|
V7AH-05C |
NON-ISOLATED DC/DC CONVERTERS
|
Bel Fuse
|